Part Number Hot Search : 
LM317L PZM22N 105K1 MS5F5 78DL08 LC75710N 1H106 SB113
Product Description
Full Text Search
 

To Download GFC9140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gunter Semiconductor GmbH
P Channel Power MOSFET
GFC9140
Chip Specification
General Description: * Advanced Process Technology * Dynamic dV/dt Rating
* 175 Operating Temperature * Fast Switching * Fully Avalanche Rated
Mechanical Data: D41 4.32mm x 4.88mm Dimension 400 m Thickness: Metallization: Al Top : : CrNiAg / Au Backside : Suggested Bonding Conditions: Die Mounting: Solder Perform 95/5 PbSn or 92.5./2.5/5 PbAgIn 15 mil Al Source Bonding Wire: Absolute Maximum Rating
Characteristics
Drain-to-Source Breakdown Voltage Static Drain-to - Source On-resistance Continuous Drain current ( in target package) Continuous Drain current ( in target package) Operation Junction Temperatre Storage Temperature @Ta=25
Symbol -V(BR)DSS RDS(ON) --ID@25 --ID@100 Tj
Limit
Unit
Test Conditions - VGS=0V, -ID=250 - VGS=10V, - ID=11 - VGS=10V - VGS=10V
100 0.2 19 13 -55~175 -55~175
V A A
TSTR
Target Device: IRF9540 TO-220AB
PD
150
W
@Tc=25


▲Up To Search▲   

 
Price & Availability of GFC9140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X